PART |
Description |
Maker |
C930ZG35500ZA0X C930ZG35700ZA0X C930ZG36100ZA0X |
ALUMINIUM CASE CAPACITORS P.F.C. an d FILTER APPLICATIONS SAFETY DEVICE (FPU
|
Kemet Corporation
|
C44EHGP6100ZA0J C44EFGR6250ZA0J |
ALUMINIUM CASE CAPACITORS AC FILTER APPLICATIONS
|
Kemet Corporation
|
CLP1000CF200 CLP1000CF20011 CLP1000BG200 CLP1000AB |
CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
|
Dubilier
|
20T-2D 16H-2D-A 22H-2D-A 28H-2D-A 38S-2D 18S-4D 18 |
KNOB ALUMINIUM FLUTED 20MM KNOB ALUMINIUM 16MM KNOB ALUMINIUM 22MM High-Precision Voltage References with Temperature Sensor 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset KNOB ALUMINIUM FLUTED 15MM KNOB ALUMINIUM SPUN 14MM Evaluation Kit for the MAX1917 KNOB BLACK 16MM KNOB BLACK 22MM RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS KNOB ALUMINIUM SPUN 18MM 旋钮铝短8毫米 KNOB ALUMINIUM SPUN 22MM 旋钮铝短2毫米
|
Standard Power
|
AZC |
ALUMINIUM ELECTROLYTIC CAPACITORS
|
Itelcond
|
DJ310016TA |
CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
|
Dubilier
|
B32620-A152 B32620-A3473 B32620-A4223 B32620-A4333 |
Metallized Polypropylene Film Capacitors (MKP) Plastic Case
|
EPCOS[EPCOS]
|
M35C826M123AZSL M35C826M123AZSS M35C826M123BZSL M3 |
Wet Tantalum Capacitors Surface Mount, Molded Case
|
Vishay Siliconix
|
PHMKPG690-1600UF |
MKP-AC Filter Capacitors, Rectangular Case, Type PhMKPg690-1600μF
|
Vishay
|
M35C156K035AZSL |
M35 Wet Tantalum Capacitors Surface Mount, Molded Case
|
Vishay Sprague
|
PHMKPG440-1248UF/3 |
MKP-AC Filter Capacitors, Rectangular Case, Type PhMKPg440-1248μF/3
|
Vishay
|